Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download T9XA503KT20Q80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical ques tions, contact: sf er@vishay.com document number: 51025 74 revision: 15-jan-08 t9 vishay sfernice 3/8" square multi-turn fully sealed container cermet trimmers features ? military and professional grade ? 0.5 w at 70 c ? cecc 41 101-004 (a, b, c, d, e) ? tests according to cecc 41 000 ? gam t1 ? fully sealed ? operating temperature range - 55 c to + 155 c ? wide ohmic range from 10 to 2m2 ? lead (pb)-free and rohs compliant note * to be measured at base level undergoes european quality assurance system (cecc) dimensions in millimeters ( 0.5 mm) t9xa (pm81a) a terminal spacing on a 2.54 pcb 2.3 0.2* 2.54 2.54 slot 0.6 x 0.6 9. 8 max 5 1 ? 0.5 a b c 1.3 ? 2.2 7.9 0.2 0.5 a b c 9.7 max 5 max 1.2 0.2 t9xb (pm81b) c 0.6 0.2* 2.54* 2.54* slot 0.6 x 0.6 2.54 9. 8 max 5 1 ? 0.5 a b c 1.3 ? 2.2 7.9 0.2 0.5 9.7 max 5 max 1.2 0.2 a b c t9ya (pm82a) b 2.3 0.2* 2.54* 2.54* 9. 8 max 5 1 ? 0.5 a b c slot 0.6 x 0.6 ? 2.2 1.3 0.5 9.7 max 5 max 1.2 0.1 1.6 0.1 a b c t9yb (pm82b) d 0.6 0.2* 2.54* 2.54* 2.54 9. 8 max 5 1 a slot 0.6 x 0.6 ? 2.2 1.3 ? 0.5 b c 0.5 9.7 max 5 max 1.2 0.1 1.6 0.1 a b c t9z (pm83) e 4. 8 0.2* slot 0.6 x 0.6 2.54* 2.54* 2.54* 9.7 max 1.3 ? 2.2 c b a 5.2 max 5 1 ? 0.5 0.5 base level 1.2 0.1 1.3 0.1 9.7 max c b a rohs compliant
document number: 51025 for technica l questions, contact: sfer@vishay.com www.vishay.com revision: 15-jan-08 75 t9 3/8" square multi-turn fully sealed container cermet trimmers vishay sfernice electrical specifications resistive element cermet electrical travel 21 turns 2 resistance range 10 to 2.2 m standard series e3 1 - 2.2 - 4.7 and on request 1 - 2 - 5 tolerance standard 10 % on request 5 % power rating linear 0.5 w at + 70 c logarithmic not applicable temperature coefficient see standard resistance element table limiting element voltage (linear law) 250 v contact resistance variation 2 % rn or 1 end resistance (typical) 1 dielectric strength (rms) 1000 v insulation resistance (500 vdc) 10 6 m mechanical specifications mechanical travel 23 turns 5 operating torque (max. ncm) 1.5 end stop torque clutch action net weight approx. 0.82 g wiper (actual travel) positioned at approx. 50 % environmental specifications temperature range - 55 c to + 155 c climatic category 55/125/56 sealing fully sealed - container ip67 0 50 100 155 0.5 0 ambient tempera ture in c power in w 70 125 25 a (1) b (2) c (3) cw circuit diagram
www.vishay.com for technical ques tions, contact: sf er@vishay.com document number: 51025 76 revision: 15-jan-08 t9 vishay sfernice 3/8" square multi-turn fully sealed container cermet trimmers standard resistance element data standard resistance values linear law typical tcr - 55 c + 125 c max. power at 70 c max. working voltage max. cur. through wiper w v ma ppm/c 10 22 47 100 220 470 1k 2.2k 4.7k 10k 22k 47k 100k 220k 470k 1m 2.2m 0.5 0.5 0.28 0.13 0.06 0.028 2.2 3.3 4.8 7 10.5 15.3 22.4 33.2 48.5 70.7 105 153 224 250 250 250 250 224 150 103 70 47 32 22 15 10 7 4.8 3.2 2.2 1.1 0.53 0.25 0.11 100 marking printed: ? vishay trademark ? model ? style ? ohmic value (in , k , m ) ? tolerance (in %) ? manufacturing date ? marking of terminal c packaging ? in magazine pack by 50 pieces (tube) code tu50
document number: 51025 for technica l questions, contact: sfer@vishay.com www.vishay.com revision: 15-jan-08 77 t9 3/8" square multi-turn fully sealed container cermet trimmers vishay sfernice performances cecc 41100 requirements typical values and drifts tests conditions r t / r t (%) r 1-2 / r 1-2 (%) r t / r t (%) r 1-2 / r 1-2 (%) climatic sequence phase a dry heat 125 c phase b damp heat phase c cold - 55 c phase d damp heat 5 cycles 2 % 3 % 0.5 % 1 % long term damp heat 56 days 40 c, 93 % rh 2 % dielectric strength: 700 v insulation resistance: > 100 m 3 % 0.5 % dielectric strength: 1000 v insulation resistance: > 10 4 m 1 % rotational life 200 cycles 2 % contact res. variation: < 3 % rn - 2 % contact res. variation: < 1 % rn - load life 1000 h at rated power 90'/30' - ambient temp. 70 c 2 % contact res. variation: < 3 % rn 3 % 1 % contact res. variation: < 1 % rn 2 % rapid temperature change 5 cycles - 55 c to + 125 c 1.5 % v 1-2 / v 1-3 1 % 0.5 % v 1-2 / v 1-3 < 1 % shocks 50 g at 11 ms 3 successive shocks in 3 directions 1 % 2 % 0.1 % 0.2 % vibrations 10 to 55 hz 0.75 mm or 10 g during 6 h 1 % v 1-2 / v 1-3 2 % 0.1 % v 1-2 / v 1-3 < 0.2 % sap ordering information (part number 15 digits) model style ohmic value tolerance packaging special number xa xb ya yb z from 10 to 2.2 m 474 = 470 k k = 10 % on request j = 5 % t20 = tube 50 pieces (if applicable) given by vishay for custom design part number description (for information only) t9 xa 470k 10 % tu e3 model style value tolerance special packaging special lead (pb)-free a474kt2 9 x t 0
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of T9XA503KT20Q80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X